ENC2J-B16-L00050 ENC2J-B16-L00100.00128 ENC2J-B16- |
CAP 6.8UF 35V 10% TANT SMD-6032-28 TR-7-PL C-FAILURE 光学INTREMNETA ENCDES SUB-MINIATURE TOGGLE SWITCH 光学INTREMNETA ENCDES SWITCH, PCB PUSH IP67SWITCH, PCB PUSH IP67; Switch function type:NO; Voltage, contact AC max:30V ac; Voltage, contact DC max:42V dc; Temp, op. max:85(degree C); Temp, op. min:-40(degree C); Length / Height, external:4.8mm; Width, 光学INTREMNETA ENCDES Safety Sign; Legend:Caution Fire Door Keep Closed; External Height:10"; External Width:14"; Body Material:Plastic; Color:Yellow/Black RoHS Compliant: NA 光学INTREMNETA ENCDES CONN,HDR,.100,2 PIN 光学INTREMNETA ENCDES Grooved Taper Pin; For Use With:Han Connectors; Series:Han 光学INTREMNETA ENCDES Tactile Switch; Switch Operation:On-(On); Leaded Process Compatible:Yes; Mounting Type: PCB; Peak Reflow Compatible (260 C):Yes; Switch Features:Non-Illuminated 光学INTREMNETA ENCDES SWITCH, SPNO ROUNDGREENSWITCH, SPNO ROUNDGREEN; Switch function type:SPNO momentary; Voltage, contact DC max:48V; Temp, op. max:60(degree C); Temp, op. min:-25(degree C); Diameter, panel cut-out:13mm; Length / Height, 光学INTREMNETA ENCDES SOLDER BAR 1.66LB SN96.5AG3CU0.5 光学INTREMNETA ENCDES CABLCASTR DARTS-4 PK 光学INTREMNETA ENCDES SM RES/0.1 OHM 1W 1% 2512 光学INTREMNETA ENCDES Pushbutton Switch,STRAIGHT,SPST,OFF-(ON),SURFACE MOUNTTerminal,PCB Hole Count:0 光学INTREMNETA ENCDES Pin Header; Number of Contacts:6; Pitch Spacing:10mm; Number of Rows:1; Gender:Header; Series:42820; Body Material:PA Polyamide (Nylon) 4/6; Color:Black; Connecting Termination:Thru-Hole; Contact Plating:Tin-Lead Over Nickel 光学INTREMNETA ENCDES RES CHP .02 1W 1% 光学INTREMNETA ENCDES screw down bolt 光学INTREMNETA ENCDES Standoff; Spacing Height:0.25"; Spacer Style:Round; Spacer Material:Aluminum; Thread Size:#4; Body Diameter:0.25"; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 光学INTREMNETA ENCDES Vandal Resistant Pushbutton Switch; Circuitry:SPST; Contact Current Max:0.1A; Contact Rating:0.1A; Leaded Process Compatible:No; Mounting Type: Panel; Peak Reflow Compatible (260 C):No; Switch Features: Piezo Electric 光学INTREMNETA ENCDES OPTICAL INTREMNETA ENCDES 光学INTREMNETA ENCDES .25 OHM 75PPM PWR MT CAP 33UF 35V 10% TANT SMD-7343-43 TR-7-PL LOW-ESR B-FAILURE SURGE-TEST CAP 4.7UF 16V 10% TANT SMD-3528-21 TR-7-PL B-FAILURE CAP 22UF 35V 10% TANT SMD-7343-43 TR-7-PL LOW-ESR B-FAILURE SURGE-TEST CAP 1UF 50V 10% TANT SMD-6032-28 TR-7-PL B-FAILURE Vandal Resistant Pushbutton Switch; Actuator Diameter:27mm; Circuitry:SPST-NO; Switch Operation:Momentary; Contact Current Max:2.6A; Mounting Type: PCB; Switch Function:SPST-NO Vandal Resistant Pushbutton Switch; Actuator Diameter:16mm; Circuitry:SPST-NO; Contact Current Max:2.6A; Leaded Process Compatible:Yes; Mounting Type: PCB; Peak Reflow Compatible (260 C):Yes; Switch Function:SPST-NO CAP 4.7UF 50V 10% TANT SMD-7343-31 TR-7-PL C-FAILURE CAP 47UF 20V 10% TANT SMD-7343-31 TR-7-PL B-FAILURE Vandal Resistant Pushbutton Switch; Actuator Diameter:14mm; Circuitry:SPST-NO; Contact Current Max:125mA; Leaded Process Compatible:Yes; Mounting Type: PCB; Peak Reflow Compatible (260 C):Yes; Switch Function:SPST-NO Circular Connector; Body Material:Aluminum Alloy; Series:MS3110; Number of Contacts:30; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin SWITCH, SPNO SQUAREGREENSWITCH, SPNO SQUAREGREEN; Switch function type:SPNO momentary; Voltage, contact DC max:48V; Temp, op. max:60(degree C); Temp, op. min:-25(degree C); Diameter, panel cut-out:13mm; Length / Height, SWITCH, PUSH PIEZO M16 NATURALSWITCH, PUSH PIEZO M16 NATURAL; Switch function type:SPNO; Voltage, contact AC max:42V; Voltage, contact DC max:60V; Temp, op. max:60(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:27mm; Tactile Switch; Switch Operation:On-(On); Leaded Process Compatible:Yes; Mounting Type: PCB; Peak Reflow Compatible (260 C):Yes; Switch Features:Short Actuator Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Metal; Series:MS3107A; Number of Contacts:8; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Quick Disconnect Plug; Body Style:Straight SWITCH, SMD PUSH IP40SWITCH, SMD PUSH IP40; Switch function type:Momentary; Voltage, contact AC max:30V ac; Voltage, contact DC max:42V dc; Temp, op. max:85(degree C); Temp, op. min:-40(degree C); Length / Height, external:4.7mm; Tactile Switch; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes CAP 33UF 20V 10% TANT SMD-6032-28 TR-7-PL C-FAILURE Pushbutton Switch,STRAIGHT,SPST,OFF-(ON),PCTAIL, W/RETNNTerminal,PCB Hole Count:4 0.010 OHM 1% 2W SMD THICK FILM RESISTOR ELEVATED SOCKET STRIPS SWITCH, SPNO ROUND BLACKSWITCH, SPNO ROUND BLACK; Switch function type:SPNO momentary; Voltage, contact DC max:48V; Temp, op. max:60(degree C); Temp, op. min:-25(degree C); Diameter, panel cut-out:13mm; Length / Height, SWITCH, PUSH PIEZO M16GREENSWITCH, PUSH PIEZO M16GREEN; Switch function type:SPNO; Voltage, contact AC max:42V; Voltage, contact DC max:60V; Temp, op. max:60(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:16mm; SEALED SUB-MINIATURE TOGGLE SWITCH SWITCH, PUSH PIEZO M27 RED; Switch function type:SPNO; Voltage, contact AC max:42V; Voltage, contact DC max:60V; Temperature, operating max:60 C; Temperature, operating min:-20 C; Diameter, panel cut-out:16mm; Colour:Red; Current, Power Distribution Unit; Snap-in mounting from front; solder terminals; protection class I; 7 IEC Outlets; Voltage Rating: 250 VAC; Current Rating: 10A; Metal Strip Resistor; Series:WSL; Resistance:0.36ohm; Resistance Tolerance: /- 1 %; Power Rating:0.5W; Temperature Coefficient: /-75 ppm; Package/Case:2010; Terminal Type:PCB Surface Mount; Leaded Process Compatible:Yes Tactile Switch; Operating Force Max:2.5N; Actuator Style:Button; Contact Current Max:2.4A; Contact Rating:2.4 A; Leaded Process Compatible:Yes; Mounting Type: PCB Surface Mount; Peak Reflow Compatible (260 C):Yes SWITCH, SPNO SQUARE YELLOWSWITCH, SPNO SQUARE YELLOW; Switch function type:SPNO momentary; Voltage, contact DC max:48V; Temp, op. max:60(degree C); Temp, op. min:-25(degree C); Diameter, panel cut-out:13mm; Length / Height, KPT01F16-26P Touch Key, Switch, Contact Resistance 100To 115 Milliohms, Number of Mechanical Ops. 1000000 Ops SWITCH, METALLIC PUSH BUTTONSWITCH, METALLIC PUSH BUTTON; Switch function type:SPNO; Voltage, contact DC max:48V dc; Temp, op. max:60(degree C); Temp, op. min:-25(degree C); Diameter, panel cut-out:19mm; Width, external:21.5mm; SWITCH, PUSH PIEZO M16 NATURALSWITCH, PUSH PIEZO M16 NATURAL; Switch function type:SPNO; Voltage, contact AC max:42V; Voltage, contact DC max:60V; Temp, op. max:60(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:16mm; Switches, Electronic; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Global Limit Switches Series GLL: Side Rotary, Fixed Length Lever with metal roller, 2NC Direct Opening Slow Action, 1/2 in conduit Vandal Resistant Pushbutton Switch; Leaded Process Compatible:No; Mounting Type:Solder Lug; Peak Reflow Compatible (260 C):No; Switch Features: Pulse Actuation Standoff; Spacing Height:0.25"; Spacer Style:Round; Spacer Material:Aluminum; Thread Size:#4; Body Diameter:0.25"; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes BOARD EVAL STM STR9 SERIES BOARD EVAL STM STR71X SERIES KPT01F16-8SF85 CAP 6.8UF 50V 10% TANT SMD-7343-31 TR-7-PL B-FAILURE Han Coding System Bushing
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|